Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24LC256-E/STG Fiches technique(PDF) 20 Page - Microchip Technology

No de pièce 24LC256-E/STG
Description  256K I2C CMOS Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC256-E/STG Fiches technique(HTML) 20 Page - Microchip Technology

Back Button 24LC256-E/STG Datasheet HTML 16Page - Microchip Technology 24LC256-E/STG Datasheet HTML 17Page - Microchip Technology 24LC256-E/STG Datasheet HTML 18Page - Microchip Technology 24LC256-E/STG Datasheet HTML 19Page - Microchip Technology 24LC256-E/STG Datasheet HTML 20Page - Microchip Technology 24LC256-E/STG Datasheet HTML 21Page - Microchip Technology 24LC256-E/STG Datasheet HTML 22Page - Microchip Technology 24LC256-E/STG Datasheet HTML 23Page - Microchip Technology 24LC256-E/STG Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
24AA256/24LC256/24FC256
DS21203N-page 20
© 2005 Microchip Technology Inc.
APPENDIX A:
REVISION HISTORY
Revision L
Corrections to Section 1.0, Electrical Characteristics.
Revision M
Added 1.8V 400 kHz option for 24FC256.
Revision N
Revised Sections 2.1 and 2.4. Removed 14-Lead
TSSOP Package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26