| Moteur de recherche de fiches techniques de composants électroniques |
|
LM358WYD Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM358WYD Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 20 page ![]() LM158W-LM258W-LM358W Absolute maximum ratings and operating conditions 5/20 Table 2. Operating conditions Symbol Parameter Value Unit VCC Supply voltage 3 to 32 V Vicm Common mode input voltage range Tamb = +25° C VDD -0.3 to VCC -1.5 V Toper Operating free air temperature range LM158W LM258W LM358W LM258WY-LM358WY -55 - +125 -40 - +105 0 - +70 -40 - +125 °C |