Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

24LC64-E/MC Fiches technique(PDF) 21 Page - Microchip Technology

No de pièce 24LC64-E/MC
Description  64K I2C??Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64-E/MC Fiches technique(HTML) 21 Page - Microchip Technology

Back Button 24LC64-E/MC Datasheet HTML 17Page - Microchip Technology 24LC64-E/MC Datasheet HTML 18Page - Microchip Technology 24LC64-E/MC Datasheet HTML 19Page - Microchip Technology 24LC64-E/MC Datasheet HTML 20Page - Microchip Technology 24LC64-E/MC Datasheet HTML 21Page - Microchip Technology 24LC64-E/MC Datasheet HTML 22Page - Microchip Technology 24LC64-E/MC Datasheet HTML 23Page - Microchip Technology 24LC64-E/MC Datasheet HTML 24Page - Microchip Technology 24LC64-E/MC Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© 2007 Microchip Technology Inc.
DS21189L-page 21
24AA64/24LC64/24FC64
APPENDIX A:
REVISION HISTORY
Revision H
Corrections to Section 1.0, Electrical Characteristics.
Revision J
Added DFN package.
Revision K
Revised Sections 7.1 and 7.4.
Revision L
Added 24FC64 Part; Revised Device Selection Table;
Revised Features Section; Deleted Rotated TSSOP
Package; Revised Table 1-2; Revised Table 7-1;
Revised Package Information; Replaced Package
Drawings; Revised Product ID Section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28