Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM124 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce LM124
Description  Low power quad operational amplifiers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM124 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button LM124_06 Datasheet HTML 10Page - STMicroelectronics LM124_06 Datasheet HTML 11Page - STMicroelectronics LM124_06 Datasheet HTML 12Page - STMicroelectronics LM124_06 Datasheet HTML 13Page - STMicroelectronics LM124_06 Datasheet HTML 14Page - STMicroelectronics LM124_06 Datasheet HTML 15Page - STMicroelectronics LM124_06 Datasheet HTML 16Page - STMicroelectronics LM124_06 Datasheet HTML 17Page - STMicroelectronics LM124_06 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Package information
LM124-LM224-LM324
14/19
6
Package information
In order to meet environmental requirements, STMicroelectronics offers these devices in
ECOPACK® packages. These packages have a Lead-free second level interconnect. The
category of second level interconnect is marked on the package and on the inner box label,
in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19