| Moteur de recherche de fiches techniques de composants électroniques |
|
24LC64-E/SM Fiches technique(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC64-E/SM Fiches technique(HTML) 6 Page - Microchip Technology |
|
6 / 24 page ![]() 24AA64/24LC64 DS21189F-page 6 2002 Microchip Technology Inc. 3.6 Device Addressing A control byte is the first byte received following the START condition from the master device (Figure 3-2). The control byte consists of a four bit control code; for the 24XX64 this is set as 1010 binary for read and write operations. The next three bits of the control byte are the chip select bits (A2, A1, A0). The chip select bits allow the use of up to eight 24XX64 devices on the same bus and are used to select which device is accessed. The chip select bits in the control byte must correspond to the logic levels on the corresponding A2, A1, and A0 pins for the device to respond. These bits are in effect the three Most Significant bits of the word address. The last bit of the control byte defines the operation to be performed. When set to a one a read operation is selected, and when set to a zero a write operation is selected. The next two bytes received define the address of the first data byte (Figure 3-3). Because only A12...A0 are used, the upper three address bits are don’t care bits. The upper address bits are trans- ferred first, followed by the less significant bits. Following the START condition, the 24XX64 monitors the SDA bus checking the device type identifier being transmitted. Upon receiving a 1010 code and appropri- ate device select bits, the slave device outputs an Acknowledge signal on the SDA line. Depending on the state of the R/W bit, the 24XX64 will select a read or write operation. FIGURE 3-2: CONTROL BYTE FORMAT 3.7 Contiguous Addressing Across Multiple Devices The chip select bits A2, A1, A0 can be used to expand the contiguous address space for up to 512K bits by adding up to eight 24XX64's on the same bus. In this case, software can use A0 of the control byte as address bit A13, A1 as address bit A14, and A2 as address bit A15. It is not possible to sequentially read across device boundaries. FIGURE 3-3: ADDRESS SEQUENCE BIT ASSIGNMENTS 1 0 1 0 A2 A1 A0 SACK R/W Control Code Chip Select Bits Slave Address Acknowledge Bit START Bit Read/Write Bit 10 1 0 A 2 A 1 A 0 R/W XX X A 11 A 10 A 9 A 7 A 0 A 8 •• • • •• A 12 CONTROL BYTE ADDRESS HIGH BYTE ADDRESS LOW BYTE CONTROL CODE CHIP SELECT BITS X = Don’t Care Bit |