| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP3002-I/ST Fiches technique(PDF) 3 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP3002-I/ST Fiches technique(HTML) 3 Page - Microchip Technology |
|
3 / 28 page ![]() © 2007 Microchip Technology Inc. DS21294C-page 3 MCP3002 Digital Input/Output: Data Coding Format Straight Binary High Level Input Voltage V IH 0.7 V DD —— V Low Level Input Voltage V IL — — 0.3 V DD V High Level Output Voltage V OH 4.1 — — V I OH = -1 mA, VDD = 4.5V Low Level Output Voltage V OL —— 0.4 V I OL = 1 mA, VDD = 4.5V Input Leakage Current I LI -10 — 10 µA V IN = VSS or VDD Output Leakage Current I LO -10 — 10 µA V OUT = VSS or VDD Pin Capacitance (All Inputs/Outputs) C IN, COUT — — 10 pF V DD = 5.0V (Note 1) T AMB = 25 °C, f = 1 MHz Timing Parameters: Clock Frequency f CLK — — — — 3.2 1.2 MHz MHz V DD = 5V (Note 2) V DD = 2.7V (Note 2) Clock High Time t HI 140 — — ns Clock Low Time t LO 140 — — ns CS Fall To First Rising CLK Edge t SUCS 100 — — ns Data Input Setup Time t SU — — 50 ns Data Input Hold Time t HD — — 50 ns CLK Fall To Output Data Valid t DO — — — — 125 200 ns ns V DD = 5V, see Figure 1-2 V DD = 2.7V, see Figure 1-2 CLK Fall To Output Enable t EN — — 125 200 ns ns V DD = 5V, see Figure 1-2 V DD = 2.7V, see Figure 1-2 CS Rise To Output Disable t DIS — — 100 ns See Test Circuits, Figure 1-2 Note 1 CS Disable Time t CSH 310 — — ns D OUT Rise Time t R — — 100 ns See Test Circuits, Figure 1-2 Note 1 D OUT Fall Time t F — — 100 ns See Test Circuits, Figure 1-2 Note 1 Power Requirements: Operating Voltage V DD 2.7 — 5.5 V Operating Current I DD — — 525 300 650 — µA V DD = 5.0V, DOUT unloaded V DD = 2.7V, DOUT unloaded Standby Current I DDS —0.005 2 µA CS = V DD = 5.0V Temperature Ranges: Specified Temperature Range T A -40 — +85 °C Operating Temperature Range T A -40 — +85 °C Storage Temperature Range T A -65 — +150 °C Thermal Package Resistance: Thermal Resistance, 8L-PDIP θ JA —85 — °C/W Thermal Resistance, 8L-SOIC θ JA — 163 — °C/W Thermal Resistance, 8L-MSOP θ JA — 206 — °C/W Thermal Resistance, 8L-TSSOP θ JA — 124 — °C/W ELECTRICAL CHARACTERISTICS (CONTINUED) All parameters apply at V DD = 5V, TAMB = -40°C to +85 °C, fSAMPLE = 200 ksps and fCLK = 16*fSAMPLE unless otherwise noted. Typical values apply for V DD = 5V, TAMB = 25 °C unless otherwise noted. PARAMETER SYM MIN TYP MAX UNITS CONDITIONS Note 1: This parameter is established by characterization and not 100% tested. 2: The sample cap will eventually lose charge, especially at elevated temperatures, therefore f CLK ≥10 kHz for temperatures at or above 70°C. |