| Moteur de recherche de fiches techniques de composants électroniques |
|
24LC00-E/P Fiches technique(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC00-E/P Fiches technique(HTML) 12 Page - Microchip Technology |
|
12 / 22 page ![]() 24LCS61/24LCS62 DS21226E-page 12 2004 Microchip Technology Inc. 7.0 ACKNOWLEDGE POLLING Since the device will not acknowledge during a write cycle, this can be used to determine when the cycle is complete (this feature can be used to maximize bus throughput). Once the Stop condition for a Write command has been issued from the master, the device initiates the internally timed write cycle. ACK polling can be initiated immediately. This involves the master sending a Start condition followed by the control byte for a Write command and then sending the Device ID byte for that particular device. If the device is still busy with the write cycle, then no ACK will be returned after the Device ID byte. If no ACK is returned, then the Start bit, control byte and ID byte must be re-sent. If the cycle is complete, then the device will return the ACK and the master can then proceed with the next command. See Figure 7-1 for flow diagram. FIGURE 7-1: ACKNOWLEDGE POLLING FLOW Send Write Command Send Stop Condition to Initiate Write Cycle Send Start Did Device Acknowledge (ACK = 0)? Next Operation NO YES Send Control byte and Device ID byte Device ID |