Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1585CD2M80R Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce LD1585CD2M80R
Description  5A Low dropout fast response positive voltage regulator adjustable and fixed
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1585CD2M80R Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button LD1585CD2M80R Datasheet HTML 16Page - STMicroelectronics LD1585CD2M80R Datasheet HTML 17Page - STMicroelectronics LD1585CD2M80R Datasheet HTML 18Page - STMicroelectronics LD1585CD2M80R Datasheet HTML 19Page - STMicroelectronics LD1585CD2M80R Datasheet HTML 20Page - STMicroelectronics LD1585CD2M80R Datasheet HTML 21Page - STMicroelectronics LD1585CD2M80R Datasheet HTML 22Page - STMicroelectronics LD1585CD2M80R Datasheet HTML 23Page - STMicroelectronics LD1585CD2M80R Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Package mechanical data
LD1585C series
20/25
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25