| Moteur de recherche de fiches techniques de composants électroniques |
|
24LC00T-E/P Fiches technique(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
24LC00T-E/P Fiches technique(HTML) 8 Page - Microchip Technology |
|
8 / 22 page ![]() 24LCS61/24LCS62 DS21226E-page 8 2004 Microchip Technology Inc. 5.2 Clear Address Command The Clear Address command will clear the device ID byte from all devices on the bus and will enable all devices to respond to the Assign Address command. The master must end the command by sending an ACK after 8 don’t care bits have been transmitted, followed by a Stop bit. Sending the Stop bit in any other position of the command will result in the command aborting and the device releasing the bus. FIGURE 5-2: CLEAR ADDRESS COMMAND 5.3 Operation State Diagram The diagram below shows the state diagram for basic operation of the 24LCS61/62. This diagram shows possible states and operational flow once power is applied to the device. Table 5-1 summarizes operation of each command for the assigned and unassigned states. FIGURE 5-3: OPERATIONAL STATE DIAGRAM S P S T A R T CONTROL BYTE S T O P A C K Device ID Byte 1 01 0 A C K XXXXXXXX 0 11 O E Power Off Unassigned State Assigned State Power Off Power On Power Off Assign Address Command: Device wins Arbitration Clear Address Command Assign Address Command: Device loses Arbitration (ID byte not assigned yet) (ID byte has been assigned) |