| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP112DX Fiches technique(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMP112DX Fiches technique(HTML) 7 Page - Texas Instruments |
|
7 / 46 page ![]() At TA = 25°C and V+ = 1.4V to 3.6V, unless otherwise noted PARAMETER TEST CONDITIONS MIN TYP MAX UNIT IQ Average quiescent current Serial bus inactive, CR1 = 0, CR0 = 1 3.2 5 µA Serial bus inactive, CR1 = 1, CR0 = 0 (default) 4.8 7.5 Serial bus active, SCL frequency = 400kHz 10 Serial bus active, SCL frequency = 1MHz 18 Serial bus active, SCL frequency = 2.85 MHz 40 ISD Shutdown current Serial bus inactive 0.15 0.35 µA Serial bus active, SCL frequency = 400kHz 5.5 Serial bus active, SCL frequency = 1MHz 13 Serial bus active, SCL frequency = 2.85MHz 35 (1) Long-term drift is determined using accelerated operational life testing at a junction temperature of 150°C for 1000 hours. www.ti.com TMP112, TMP112D SBOS473L – MARCH 2009 – REVISED JULY 2024 Copyright © 2024 Texas Instruments Incorporated Submit Document Feedback 7 Product Folder Links: TMP112 TMP112D |