| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS301 Fiches technique(PDF) 23 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
HCS301 Fiches technique(HTML) 23 Page - Microchip Technology |
|
23 / 30 page ![]() © 2001 Microchip Technology Inc. DS21143B-page 23 HCS301 9.0 PACKAGING INFORMATION 9.1 Package Marking Information 8-Lead PDIP (300 mil) Example 8-Lead SOIC (150 mil) Example XXXXXXXX XXXXXNNN YYWW HCS301 XXXXXNNN 0025 XXXXXXX XXXYYWW NNN HCS301 XXX0025 NNN Legend: XX...X Customer specific information* Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard PICmicro device marking consists of Microchip part number, year code, week code, and traceability code. For PICmicro device marking beyond this, certain price adders apply. Please check with your Microchip Sales Office. For QTP devices, any special marking adders are included in QTP price. |