| Moteur de recherche de fiches techniques de composants électroniques |
|
XC6104F029 Fiches technique(PDF) 23 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC6104F029 Fiches technique(HTML) 23 Page - Torex Semiconductor |
|
23 / 26 page ![]() 23/26 XC6101 ~ XC6107, XC6111~ XC6117 Series (6) P-ch Driver Output Current vs. Input Voltage 1 ■ TYPICAL PERFORMANCE CHARACTERISTICS (Continued) (8) Release Delay Time vs. Ambient Temperature * ‘X’ represents both ‘0’ and ‘1’. (ex. XC61X1⇒XC6101 and XC6111) (7) P-ch Driver Output Current vs. Input Voltage 2 0.0 1.0 2.0 3.0 4.0 5.0 6.0 012 3456 Input Voltage: VIN (V) XC61X1, XC61X3~XC61X7 Ta=25℃ VDS=2.0V 1.5V 1.0V 0.5V 0.0 0.4 0.8 1.2 1.6 2.0 01 234 56 Input Voltage: VIN (V) XC61X1, XC61X3~XC61X7 Ta=-40℃ Ta=25℃ Ta=85℃ VDS=0.5V 0.0 1.0 2.0 3.0 4.0 5.0 6.0 -50 -25 0 255075 100 Ambient Temperature: Ta (℃) XC61X1~XC61X7 TDR=3.13msec 0 50 100 150 200 250 300 -50 -25 0 25 50 75 100 Ambient Temperature: Ta (℃) XC61X1~XC61X7 TDR=100msec 0 500 1000 1500 2000 2500 3000 -50 -25 0 25 50 75 100 Ambient Temperature: Ta (℃) TDR=1.6sec XC61X1~XC61X7 |