Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD-81 Fiches technique(PDF) 4 Page - CUI Devices

No de pièce SD-81
Description  STANDARD DIN CONNECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CUID [CUI Devices]
Site Internet  https://www.cuidevices.com/
Logo CUID - CUI Devices

SD-81 Fiches technique(HTML) 4 Page - CUI Devices

  SD-81 Datasheet HTML 1Page - CUI Devices SD-81 Datasheet HTML 2Page - CUI Devices SD-81 Datasheet HTML 3Page - CUI Devices SD-81 Datasheet HTML 4Page - CUI Devices SD-81 Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CUI DEVICES | SERIES: SD | DESCRIPTION: STANDARD DIN CONNECTOR
date 04/19/2023 | page 4 of 5
cuidevices.com
PIN DETAILS
2
1
3
2
2
3
1
MECHANICAL ASSEMBLY
2
1
STEP 1
solder wires to
housing (3),
assemble metal
shield pieces (2)
onto housing (3)
STEP 2
slide cover (
1)
over metal shield (
2)
2
2
3
Note: SD-130 has solid solder pins. All
other models have solder cups.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5