| Moteur de recherche de fiches techniques de composants électroniques |
|
537310 Fiches technique(PDF) 1 Page - Festo Corporation. |
|
|
|||||||||||||||||||||||||||||
537310 Fiches technique(HTML) 1 Page - Festo Corporation. |
|
|
1 / 1 page ![]() Adapter kit HAPG-SD2-31 Part number: 537310 General operating condition Data sheet Feature Value Mounting position Any Corrosion resistance class (CRC) 2 - Moderate corrosion stress LABS (PWIS) conformity VDMA24364-B2-L Product weight 78 g Type of mounting With internal thread and centering sleeve Via through-hole and centering sleeve Plate material Wrought aluminum alloy 9/3/24 - Subject to change - Festo SE & Co. KG 1/1 |
Numéro de pièce similaire - 537310 |
|
Description similaire - 537310 |