Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8002BT/3/C2 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA8002BT/3/C2
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002BT/3/C2 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA8002BT/3/C2 Datasheet HTML 7Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 8Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 9Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 10Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 11Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 12Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 13Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 14Page - NXP Semiconductors TDA8002BT/3/C2 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1997 Nov 04
11
Philips Semiconductors
Product specification
IC card interface
TDA8002
Fig.9 Activation sequence using CMDVCC, CLKDIV1 and CLKDIV2 signals to enable CLK.
handbook, full pagewidth
MGE737
OSC_INT/64
CMDVCC
VUP
VCC
I/O
CLK
RSTIN
RST
high - Z
tact
t0
t1
t2
t3
CLKDIV1
CLKDIV2
Fig.10 Activation sequence for synchronous application.
handbook, full pagewidth
MGE738
OSC_INT/64
VCC
I/O
RSTIN
RST
STROBE
high - Z
tact
CMDVCC
PRES, OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28