Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8002AT/5/C2 Fiches technique(PDF) 13 Page - NXP Semiconductors

No de pièce TDA8002AT/5/C2
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002AT/5/C2 Fiches technique(HTML) 13 Page - NXP Semiconductors

Back Button TDA8002AT/5/C2 Datasheet HTML 9Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 10Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 11Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 12Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 13Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 14Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 15Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 16Page - NXP Semiconductors TDA8002AT/5/C2 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1997 Nov 04
13
Philips Semiconductors
Product specification
IC card interface
TDA8002
Fault detection
The following fault conditions are monitored by the circuit:
• Short-circuit or high current on VCC
• Removing card during transaction
• VDD dropping
• Overheating.
When one or more of these faults are detected, the circuit
pulls the interrupt line OFF to its active LOW state and a
deactivation sequence is initiated. In case the card is
present the interrupt line OFF is set to HIGH when the
microcontroller has reset the CMDVCC line HIGH (after
completion of the deactivation sequence). In case the card
is not present OFF remains LOW.
Fig.12 Emergency deactivation sequence.
handbook, full pagewidth
MGE740
I/O
CLK
RST
high - Z
tde
OSC_INT/64
OFF
PRES
VCC
t10
t11
t12
t13
t14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28