| Moteur de recherche de fiches techniques de composants électroniques |
|
AD736KRZ-R7 Fiches technique(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD736KRZ-R7 Fiches technique(HTML) 14 Page - Analog Devices |
|
14 / 20 page ![]() AD736 Data Sheet Rev. I | Page 14 of 20 SELECTING PRACTICAL VALUES FOR INPUT COUPLING (CC), AVERAGING (CAV), AND FILTERING (CF) CAPACITORS Table 6 provides practical values of CAV and CF for several common applications. The input coupling capacitor, CC, in conjunction with the 8 kΩ internal input scaling resistor, determine the −3 dB low frequency roll-off. This frequency, FL, is equal to ) (8000)( 2π 1 Farads in C of Value F C L = Note that at FL, the amplitude error is approximately −30% (–3 dB) of the reading. To reduce this error to 0.5% of the reading, choose a value of CC that sets FL at one-tenth of the lowest frequency to be measured. In addition, if the input voltage has more than 100 mV of dc offset, then the ac-coupling network shown in Figure 27 should be used in addition to CC. Table 6. Capacitor Selection Chart Application RMS Input Level Low Frequency Cutoff (−3 dB) Max Crest Factor CAV (µF) CF (µF) Settling Time1 to 1% General-Purpose RMS Computation 0 V to 1 V 20 Hz 5 150 10 360 ms 200 Hz 5 15 1 36 ms 0 mV to 200 mV 20 Hz 5 33 10 360 ms 200 Hz 5 3.3 1 36 ms General Purpose 0 V to 1 V 20 Hz None 33 1.2 sec Average 200 Hz None 3.3 120 ms Responding 0 mV to 200 mV 20 Hz None 33 1.2 sec 200 Hz None 3.3 120 ms SCR Waveform Measurement 0 mV to 200 mV 50 Hz 5 100 33 1.2 sec 60 Hz 5 82 27 1.0 sec 0 mV to 100 mV 50 Hz 5 50 33 1.2 sec 60 Hz 5 47 27 1.0 sec Audio Applications Speech 0 mV to 200 mV 300 Hz 3 1.5 0.5 18 ms Music 0 mV to 100 mV 20 Hz 10 100 68 2.4 sec 1 Settling time is specified over the stated rms input level with the input signal increasing from zero. Settling times are greater for decreasing amplitude input signals. |
|
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |