| Moteur de recherche de fiches techniques de composants électroniques |
|
MAT01AH Fiches technique(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
MAT01AH Fiches technique(HTML) 7 Page - Analog Devices |
|
7 / 12 page ![]() Data Sheet MAT01 Figure 8. Collector Current vs. Base to Emitter Voltage Figure 9. Saturation Voltage vs. Collector Current Figure 10. Unity-Gain Bandwidth vs. Collector Current 10mA 1µA 10nA 100pA 10µA 100µA 1mA 100nA 1nA 10pA 100 300 500 700 600 0 200 400 800 BASE TO EMITTER VOLTAGE (mV) Δ < 0.3mV Δ < 0.1mV Δ ≈ DEVIATION FROM STRAIGHT LINE Δ < 0.3mV MAT01 TA = 25°C 100 10 1 0.1 0.01 0.01 1 100 0.1 10 COLLECTOR CURRENT (mA) TA = +25°C TA = +125°C TA = –55°C IC = 10 × IB MAT01 1000 100 200 500 10 20 50 1 2 5 1µA 100µA 10mA 10µA 1mA 100mA COLLECTOR CURRENT (IC) TA = 25°C VCE = 10V MAT01 Rev. D | Page 7 of 12 |