Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MAT01 Fiches technique(PDF) 9 Page - Analog Devices

No de pièce MAT01
Description  Matched Monolithic Dual Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

MAT01 Fiches technique(HTML) 9 Page - Analog Devices

Back Button MAT01 Datasheet HTML 4Page - Analog Devices MAT01 Datasheet HTML 5Page - Analog Devices MAT01 Datasheet HTML 6Page - Analog Devices MAT01 Datasheet HTML 7Page - Analog Devices MAT01 Datasheet HTML 8Page - Analog Devices MAT01 Datasheet HTML 9Page - Analog Devices MAT01 Datasheet HTML 10Page - Analog Devices MAT01 Datasheet HTML 11Page - Analog Devices MAT01 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
MAT01
APPLICATIONS INFORMATION
Application of reverse bias voltages to the emitter to base junctions
in excess of ratings (5 V) may result in degradation of hFE and
hFE matching characteristics. Check circuit designs to ensure
that reverse bias voltages above 5 V cannot be applied during
transient conditions, such as at circuit turn-on and turn-off.
Stray thermoelectric voltages generated by dissimilar metals at
the contacts to the input terminals can prevent realization of the
predicted drift performance. Maintain both input terminals at
the same temperature, preferably close to the temperature of the
device package.
Rev. D | Page 9 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12