| Moteur de recherche de fiches techniques de composants électroniques |
|
AD637JRZ-R7 Fiches technique(PDF) 9 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD637JRZ-R7 Fiches technique(HTML) 9 Page - Analog Devices |
|
9 / 25 page ![]() Data Sheet AD637 Rev. L | Page 9 of 25 Parameter Test Conditions/Comments AD637S Unit Min Typ Max BUFFER AMPLIFIER Input Output Voltage Range −VS to (+VS − 2.5) V Input Offset Voltage ±0.8 ±2 mV Input Current ±2 ±10 nA Input Resistance 108 Ω Output Current −0.13 +5 mA Short-Circuit Current 20 mA Small Signal Bandwidth 1 MHz Slew Rate 2 kΩ load, to −VS 5 V/μs DENOMINATOR INPUT Input Range 0 to 10 V Input Resistance 20 25 30 kΩ Offset Voltage ±0.2 ±0.5 mV CHIP SELECT (CS) RMS On Level Open or 2.4 < VC < +VS V RMS Off Level V IOUT of Chip Select CS low 10 μA CS high 0 μA On Time Constant 10 + ((25 kΩ) × CAV) μs Off Time Constant 10 + ((25 kΩ) × CAV) μs POWER SUPPLY Operating Voltage Range ±3.0 ±18 V Quiescent Current 2.2 3 mA Standby Current 350 450 μA |