| Moteur de recherche de fiches techniques de composants électroniques |
|
AD536ASD/883B Fiches technique(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD536ASD/883B Fiches technique(HTML) 3 Page - Analog Devices |
|
3 / 15 page ![]() Data Sheet AD536A Rev. G | Page 3 of 15 SPECIFICATIONS TA = +25°C and ±15 V dc, unless otherwise noted. Table 1. AD536AJ AD536AK AD536AS Parameter Min Typ Max Min Typ Max Min Typ Max Unit TRANSFER FUNCTION VOUT = √Avg(VIN)2 VOUT = √Avg(VIN)2 VOUT = √Avg(VIN)2 CONVERSION ACCURACY Total Error, Internal Trim1 (See Figure 13) ±5 ± 0.5 ±2 ± 0.2 ±5 ± 0.5 mV ± % of rdg vs. Temperature TMIN to +70°C ±0.1 ± 0.01 ±0.05 ± 0.005 ±0.1 ± 0.005 mV ± % of rdg/°C +70°C to +125°C ±0.3 ± 0.005 mV ± % of rdg/°C vs. Supply Voltage ±0.1 ± 0.01 ±0.1 ± 0.01 ±0.1 ± 0.01 mV ± % of rdg/V DC Reversal Error ±0.2 ±0.1 ±0.2 mV ± % of rdg Total Error, External Trim1 (See Figure 16) ±3 ± 0.3 ±2 ± 0.1 ±3 ± 0.3 mV ± % of rdg ERROR VS. CREST FACTOR2 Crest Factor 1 to Crest Factor 2 Specified accuracy Specified accuracy Specified accuracy Crest Factor = 3 −0.1 −0.1 −0.1 % of rdg Crest Factor = 7 −1.0 −1.0 −1.0 % of rdg FREQUENCY RESPONSE3 Bandwidth for 1% Additional Error (0.09 dB) VIN = 10 mV 5 5 5 kHz VIN = 100 mV 45 45 45 kHz VIN = 1 V 120 120 120 kHz ±3 dB Bandwidth VIN = 10 mV 90 90 90 kHz VIN = 100 mV 450 450 450 kHz VIN = 1 V 2.3 2.3 2.3 MHz AVERAGING TIME CONSTANT (See Figure 19) 25 25 25 ms/μF INPUT CHARACTERISTICS Signal Range, ±15 V Supplies Continuous RMS Level 0 to 7 0 to 7 0 to 7 V rms Peak Transient Input ±20 ±20 ±20 V peak Continuous RMS Level, VS = ±5 V 0 to 2 0 to 2 0 to 2 V rms Peak Transient Input, VS = ±5 V ±7 ±7 ±7 V peak Maximum Continuous Nondestructive Input Level (All Supply Voltages) ±25 ±25 ±25 V peak Input Resistance 13.33 16.67 20 13.33 16.67 20 13.33 16.67 20 kΩ Input Offset Voltage 0.8 ±2 0.5 ±1 0.8 ±2 mV OUTPUT CHARACTERISTICS Offset Voltage, VIN = COM (See Figure 13) ±1 ±2 ±0.5 ±1 ±2 mV vs. Temperature ±0.1 ±0.1 ±0.2 mV/°C vs. Supply Voltage ±0.1 ±0.1 ±0.2 mV/V Voltage Swing, ±15 V Supplies 0 to +11 +12.5 0 to +11 +12.5 0 to +11 +12.5 V ± 5 V Supply 0 to +2 0 to +2 0 to +2 V dB OUTPUT, 0 dB = 1 V rms (See Figure 7) Error, 7 mV < VIN < 7 V rms ±0.4 ±0.6 ±0.2 ±0.3 ±0.5 ±0.6 dB Scale Factor −3 −3 −3 mV/dB Scale Factor Temperature Coefficient −0.033 −0.033 −0.033 dB/°C Uncompensated +0.33 +0.33 +0.33 % of rdg/°C IREF for 0 dB = 1 V rms 5 20 80 5 20 80 5 20 80 μA IREF Range 1 100 1 100 1 100 μA |