Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD538AD Fiches technique(PDF) 16 Page - Analog Devices

No de pièce AD538AD
Description  Real-Time Analog Computational Unit (ACU)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD538AD Fiches technique(HTML) 16 Page - Analog Devices

Back Button AD538AD Datasheet HTML 8Page - Analog Devices AD538AD Datasheet HTML 9Page - Analog Devices AD538AD Datasheet HTML 10Page - Analog Devices AD538AD Datasheet HTML 11Page - Analog Devices AD538AD Datasheet HTML 12Page - Analog Devices AD538AD Datasheet HTML 13Page - Analog Devices AD538AD Datasheet HTML 14Page - Analog Devices AD538AD Datasheet HTML 15Page - Analog Devices AD538AD Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD538
Rev. E | Page 16 of 16
OUTLINE DIMENSIONS
18
1
9
10
0.310 (7.87)
0.220 (5.59)
PIN 1
0.098 (2.49) MAX
0.005 (0.13) MIN
SEATING
PLANE
0.023 (0.58)
0.014 (0.36)
0.060 (1.52)
0.015 (0.38)
0.200 (5.08)
MAX
0.200 (5.08)
0.125 (3.18)
0.070 (1.78)
0.030 (0.76)
0.960 (24.38) MAX
0.100
(2.54)
BSC
0.150
(3.81)
MIN
0.320 (8.13)
0.290 (7.37)
0.015 (0.38)
0.008 (0.20)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
Figure 19. 18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
(D-18)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
AD538ACHIPS
−25°C to +85°C
Chips
AD538AD
−25°C to +85°C
18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-18
AD538ADZ
−25°C to +85°C
18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-18
AD538BD
−25°C to +85°C
18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-18
AD538BDZ
−25°C to +85°C
18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-18
AD538SD
−55°C to +125°C
18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-18
AD538SD/883B
−55°C to +125°C
18-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-18
1 Z = RoHS Compliant Part.
©2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00959-0-6/11(E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com