Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

T45331J Fiches technique(PDF) 3 Page - Bi technologies

No de pièce T45331J
Description  Thick Film Super Low Profile SIP Resistor Networks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BITECH [Bi technologies]
Site Internet  http://www.bitechnologies.com
Logo BITECH - Bi technologies

T45331J Fiches technique(HTML) 3 Page - Bi technologies

  T45331J Datasheet HTML 1Page - Bi technologies T45331J Datasheet HTML 2Page - Bi technologies T45331J Datasheet HTML 3Page - Bi technologies T45331J Datasheet HTML 4Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
4
4-65
Model T Series
.020
± .004
0.51
± 0.10
.100
± .010
2.54
± 0.25
.010
± .004
0.25
± 0.10
.118
± .020
3.50
± 0.50
.138
3.50
Max.
“L” Max.
No. of Leads
.098
2.50
Max.
1.40
35.56
14
1.30
33.02
13
1.20
30.48
12
1.10
27.94
11
1.00
25.40
10
.90
22.86
9
.80
20.32
8
.70
17.78
7
.60
15.24
6
.50
12.70
5
.40
10.16
Dim.“L”
Max.
4
# of Leads
OUTLINE DIMENSIONS (Inch/mm)
SCHEMATICS
12
3
4
n
-3 Circuit
Isolated Resistors
-5 Circuit
Dual Terminator
12
3
4
R1
R2
n
12
3
4
n
-1 Circuit
Bussed Resistors



Html Pages

1 2 3 4