Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8002CT/A Fiches technique(PDF) 14 Page - NXP Semiconductors

No de pièce TDA8002CT/A
Description  IC card interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8002CT/A Fiches technique(HTML) 14 Page - NXP Semiconductors

Back Button TDA8002CT/A Datasheet HTML 10Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 11Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 12Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 13Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 14Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 15Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 16Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 17Page - NXP Semiconductors TDA8002CT/A Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
1999 Oct 12
14
Philips Semiconductors
Product specification
IC card interface
TDA8002C
DEACTIVATION SEQUENCE
When a session is completed, the microcontroller sets the
CMDVCC line to HIGH state or MODE line to LOW state.
The circuit then executes an automatic deactivation
sequence by counting the sequencer down and thus end
in the Idle mode.
Figures 13 and 14 illustrate the deactivation sequence as
follows:
1. RST goes LOW (t11 ≈ t10)
2. CLK is stopped (t12 =t11 + 1⁄2T)
3. I/O, AUX1 and AUX2 fall to zero (t13 =t11 +T)
4. VCC falls to zero (t14 =t11 +11⁄2T); a special circuit
ensures that I/O remains below VCC during the falling
slope of VCC
5. VUP falls (t15 =t11 + 5T).
handbook, full pagewidth
FCE479
CMDVCC
VUP
OSC_INT/64
VCC
I/O
CLK
RSTIN
RST
LOW
tde
t10
t11
t12
t13
t14
t15
Fig.13 Deactivation sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28