Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT84 Fiches technique(PDF) 3 Page - Bi technologies

No de pièce HT84
Description  ADSL Coupling Transformers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BITECH [Bi technologies]
Site Internet  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HT84 Fiches technique(HTML) 3 Page - Bi technologies

  HT84 Datasheet HTML 1Page - Bi technologies HT84 Datasheet HTML 2Page - Bi technologies HT84 Datasheet HTML 3Page - Bi technologies HT84 Datasheet HTML 4Page - Bi technologies HT84 Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
6
6-213
Model HT84 Series
Chip
Line
1
9
8
7
3
2
4
Chip
Line
10
8
9
7
1
3
2
4
Chip
Line
10
8
9
7
1
3
2
4
Chip
Line
1
3
2
4
10
8
9
7
Chip
Line
1
4
2
5
10
7
9
6
Schematic 1
SCHEMATICS
Schematic 4
.010
0.25
Unless otherwise specified tolerances are:
±
.485
12.32
.605
15.37
.100
2.54
.028
±.002
0.71
±0.05
.394
10.00
.098
2.50
.051
±.002
1.30
±0.05
(10X)
Max.
.516
13.11
Max.
Max.
Max.
Max.
.005/0.13
10 Surfaces
.475
12.07
.530
13.46
HT84-00594S
.695
17.65
(10X)
OUTLINE DIMENSIONS (Inch/mm)
Figure 3 – Surface Mount
Schematic 1
Schematic 3
Schematic 5



Html Pages

1 2 3 4 5