| Moteur de recherche de fiches techniques de composants électroniques |
|
2024947 Fiches technique(PDF) 1 Page - Festo Corporation. |
|
|
|||||||||||||||||||||||||||||
2024947 Fiches technique(HTML) 1 Page - Festo Corporation. |
|
|
1 / 1 page ![]() Adapter kit DHAA-G-Q11-35/40-B6-40-80/100 Part number: 2024947 General operating condition Data sheet Feature Value Mounting position Any Corrosion resistance class (CRC) 2 - Moderate corrosion stress LABS (PWIS) conformity VDMA24364-B1/B2-L Type of mounting With through-hole and screw With centering sleeve Note on materials RoHS-compliant Adapter plate material Aluminum Anodized Material of screws Steel Galvanized Centering pin material Steel 9/1/24 - Subject to change - Festo SE & Co. KG 1/1 |
Numéro de pièce similaire - 2024947 |
|
Description similaire - 2024947 |