Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA6405ATS Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce TDA6405ATS
Description  5 V mixer/oscillator-PLL synthesizers for hyperband tuners
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6405ATS Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button TDA6405ATS Datasheet HTML 7Page - NXP Semiconductors TDA6405ATS Datasheet HTML 8Page - NXP Semiconductors TDA6405ATS Datasheet HTML 9Page - NXP Semiconductors TDA6405ATS Datasheet HTML 10Page - NXP Semiconductors TDA6405ATS Datasheet HTML 11Page - NXP Semiconductors TDA6405ATS Datasheet HTML 12Page - NXP Semiconductors TDA6405ATS Datasheet HTML 13Page - NXP Semiconductors TDA6405ATS Datasheet HTML 14Page - NXP Semiconductors TDA6405ATS Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
1999 Jan 13
11
Philips Semiconductors
Product specification
5 V mixer/oscillator-PLL synthesizers for
hyperband tuners
TDA6404; TDA6405;
TDA6405A
CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (Tamb =25 °C)
VCC
supply voltage
4.5
5
5.5
V
ICC
supply current at VCC = 5 V all PNP ports are ‘OFF’
−
78
86
mA
one PNP port is ‘ON’, sourcing 25 mA
−
110
121
mA
PLL Synthesizer part (VCC = 4.5 to 5.5 V; Tamb = −20 to +85 °C; unless otherwise specified)
FUNCTIONAL RANGE
VPOR
Power-on reset voltage
below this supply voltage Power-on
reset becomes active; see Table 10
1.5
2.0
−
V
D/D
divider ratio
15-bit frequency word
256
−
32767
fXTAL
crystal oscillator frequency
RXTAL = 25 to 150 Ω
3.2
4
4.48
MHz
Z
XTAL
input impedance
fXTAL = 4 MHz
600
1200
−Ω
PNP PORTS
IL(off)
leakage current
VCC = 5.5 V; VPNPn =0
−10
−−µA
VO(sat)
output saturation voltage
one PNP port is ‘ON’, sourcing 25 mA;
VPNPn(sat) =VCC − VPNPn
−
0.25
0.4
V
ADC INPUT
VI
ADC input voltage
see Table 9
0
−
VCC
V
IIH
HIGH-level input current
VADC =VCC
−−
10
µA
IIL
LOW-level input current
VADC =0
−10
−−µA
ADDRESS SELECTION INPUT (AS)
VIL
LOW-level input voltage
0
−
1.5
V
VIH
HIGH-level input voltage
3
−
5.5
V
IIH
HIGH-level input current
VAS = 5.5 V
−−
10
µA
IIL
LOW-level input current
VAS =0
−10
−−µA
SCL AND SDA INPUTS
VIL
LOW-level input voltage
0
−
1.5
V
VIH
HIGH-level input voltage
3.0
−
5.5
V
IIH
HIGH-level input current
Vbus = 5.5 V; VCC =0
−−
10
µA
Vbus = 5.5 V; VCC = 5.5 V
−−
10
µA
IIL
LOW-level input current
Vbus = 1.5 V; VCC =0
−−
10
µA
Vbus = 0; VCC = 5.5 V
−10
−−µA
fSCL
serial clock frequency
−
100
150
kHz
SDA OUTPUT
IL
leakage current
VSDA = 5.5 V
−−
10
µA
VO
output voltage
ISDA = 3 mA (sink current)
−−
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32