| Moteur de recherche de fiches techniques de composants électroniques |
|
O-CS8-AMS17EWU-R Fiches technique(PDF) 3 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
O-CS8-AMS17EWU-R Fiches technique(HTML) 3 Page - Abracon Corporation |
|
3 / 8 page ![]() O-CS8 Series 14 x 21 x 7.5mm Datasheet #1319A Ultra Low Phase Noise, Precision SC-cut HF OCXO in SMD Package Revision P: 08/24/2023 www.nelfc.com Packaging Blank Bulk T 50 pcs / reel T1 350 pcs / reel Output Frequency Please specify the frequency in units of MHz out to 3-digit accuracy after the decimal. Example: 100.000MHZ Supply Voltage 0 5.0V ±5% A 3.3V ±5% Control Voltage K 0 to 3.0 V, Internally biased to Vref/2, 100 Kohm divider L 0 to 10 V, internally biased to Vref, 100 Kohm M 0 to 10 V, no internal bias P 0 to 4.5 V, Internally biased to Vref/2, 100 Kohm divider Q 0 to 4.5 V, no internal bias Environmental L Contains a level of lead that is in excess of RoHS directive and is not designed for reflow R RoHS compliant Phase Noise Grade (see table) L Standard P Premium U Ultimate Output S Sinewave T CMOS/TTL Temperature Stability 17 1x10-7 58 5x10-8 YZ Yx10-Z Temperature Range - In 5ºC steps ** First letter Lowest temperature from A = -40ºC Second letter Highest temperature to Z = 85ºC Examples IS 0°C to 50°C GU -10°C to 60°C EW -20°C to 70°C **Temperature Code Table Letter Temp °C Letter Temp °C Letter Temp °C Letter Temp °C Letter Temp °C Letter Temp °C A -40 F -15 K 10 P 35 U 60 Z 85 B -35 G -10 L 15 Q 40 V 65 C -30 H -5 M 20 R 45 W 70 D -25 I 0 N 25 S 50 X 75 E -20 J 5 O 30 T 55 Y 80 OCXO Creating a Part Number Conventional Power Package Code S8 14x21x7.5 mm SMD Notes: 1. Not all combinations are available – consult factory. 2. It’s not recommended to over-specify stability over temperature performance: it significantly affects the cost. 3. Unless absolutely necessary do not specify highest operating temperature above 70°C. 4. All parameters, unless otherwise specified, are at nominal conditions, i.e.: T=25°C, Nominal Vcc & Nominal Load. 5. Part number string shall contain no spaces. O - C S8 - X X X XX XX X - X - XXX.XXX MHZ - X |