Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA5145 Fiches technique(PDF) 17 Page - NXP Semiconductors

No de pièce TDA5145
Description  Brushless DC motor drive circuit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA5145 Fiches technique(HTML) 17 Page - NXP Semiconductors

Back Button TDA5145 Datasheet HTML 13Page - NXP Semiconductors TDA5145 Datasheet HTML 14Page - NXP Semiconductors TDA5145 Datasheet HTML 15Page - NXP Semiconductors TDA5145 Datasheet HTML 16Page - NXP Semiconductors TDA5145 Datasheet HTML 17Page - NXP Semiconductors TDA5145 Datasheet HTML 18Page - NXP Semiconductors TDA5145 Datasheet HTML 19Page - NXP Semiconductors TDA5145 Datasheet HTML 20Page - NXP Semiconductors TDA5145 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
June 1994
17
Philips Semiconductors
Product specification
Brushless DC motor drive circuit
TDA5145
PACKAGE OUTLINES
Fig.11 Plastic dual in-line package; 28 leads (600 mil) (SOT117-1; DIP28).
Dimensions in mm.
handbook, full pagewidth
28
1
15
14
1.7 max
14.1
13.7
36.0
35.0
4.0
max
5.1
max
0.51
min
3.9
3.4
0.254 M
0.53
max
2.54
(13x)
1.7
max
15.80
15.24
0.32 max
15.24
17.15
15.90
MSA264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24