| Moteur de recherche de fiches techniques de composants électroniques |
|
C419 Fiches technique(PDF) 42 Page - Coilcraft lnc. |
|
|
|||||||||||||||||||||||||||||
C419 Fiches technique(HTML) 42 Page - Coilcraft lnc. |
|
42 / 60 page ![]() 42 www.coilcraft.com US +1-847-639-6400 Europe +44-1236-730595 SD43 I sat(A) I rms(A) Inductance DCRmax SRFtyp 10% 20% 30% 20°C 40°C Partnumber (µH) (Ohms) (MHz) drop drop drop rise rise SD43-102MLC 1.0±20% 0.033 100 5.5 6.1 6.5 3.4 5.8 SD43-142MLC 1.4±20% 0.038 90 4.8 5.5 5.9 3.1 5.8 SD43-182MLC 1.8±20% 0.042 80 4.1 4.6 5.1 2.7 4.6 SD43-222MLC 2.2±20% 0.047 65 3.6 4.1 4.4 2.3 3.8 SD43-272MLC 2.7±20% 0.052 60 3.4 3.8 4.1 2.2 3.7 SD43-332MLC 3.3±20% 0.058 50 2.9 3.3 3.5 2.1 3.3 SD43-392MLC 3.9±20% 0.076 47 2.6 3.0 3.2 1.9 3.0 SD43-472MLC 4.7±20% 0.094 45 2.4 2.8 3.0 1.9 2.9 SD43-562MLC 5.6±20% 0.101 40 2.2 2.5 2.7 1.6 2.8 SD43-682MLC 6.8±20% 0.110 35 2.0 2.3 2.5 1.5 2.5 SD43-822MLC 8.2±20% 0.132 30 1.83 2.1 2.2 1.4 2.2 SD43-103MLC 10.0±20% 0.182 28 1.70 1.95 2.1 1.3 2.2 SD43-123MLC 12.0±20% 0.210 24 1.53 1.75 1.90 1.1 1.8 SD43-153MLC 15.0±20% 0.235 22 1.33 1.58 1.73 1.0 1.7 SD43-183MLC 18.0±20% 0.338 19 1.25 1.43 1.58 0.89 1.5 SD43-223MLC 22.0±20% 0.378 17 1.15 1.32 1.43 0.85 1.4 SD43-273MLC 27.0±20% 0.522 16 1.00 1.14 1.26 0.73 1.1 SD43-333KLC 33.0±10% 0.540 14 0.90 1.05 1.14 0.62 0.90 SD43-393KLC 39.0±10% 0.587 13 0.84 0.97 1.07 0.61 0.90 SD43-473KLC 47.0±10% 0.844 12 0.77 0.87 0.93 0.53 0.86 SD43-563KLC 56.0±10% 0.937 11 0.72 0.80 0.86 0.51 0.70 SD43-683KLC 68.0±10% 1.117 10 0.65 0.72 0.77 0.43 0.60 ME3220 I sat(A) I rms(A) Inductance DCRmax SRFtyp 10% 20% 30% 20°C 40°C Partnumber (µH) (Ohms) (MHz) drop drop drop rise rise ME3220-102MLC 1.0 ±20% 0.058 170.7 2.7 3.0 3.2 2.0 2.6 ME3220-152MLC 1.5 ±20% 0.068 138.0 2.2 2.5 2.7 1.6 2.2 ME3220-222MLC 2.2 ±20% 0.104 92.6 1.8 2.1 2.2 1.5 2.0 ME3220-332MLC 3.3 ±20% 0.138 75.6 1.5 1.6 1.7 1.4 1.6 ME3220-472MLC 4.7 ±20% 0.190 58.2 1.2 1.4 1.5 1.0 1.3 ME3220-562MLC 5.6 ±20% 0.200 52.5 1.1 1.3 1.4 1.0 1.3 ME3220-682MLC 6.8 ±20% 0.270 46.2 1.0 1.1 1.2 0.88 1.1 ME3220-822MLC 8.2 ±20% 0.290 45.2 0.98 1.0 1.1 0.80 1.0 ME3220-103KLC 10 ±10% 0.434 39.9 0.78 1.0 1.1 0.63 0.87 ME3220-123KLC 12 ±10% 0.470 37.5 0.76 0.88 0.98 0.61 0.84 ME3220-153KLC 15 ±10% 0.520 32.5 0.70 0.80 0.90 0.58 0.83 ME3220-183KLC 18 ±10% 0.696 31.7 0.66 0.75 0.80 0.49 0.70 ME3220-223KLC 22 ±10% 0.787 29.4 0.59 0.67 0.71 0.47 0.64 ME3220-273KLC 27 ±10% 1.19 26.1 0.56 0.63 0.67 0.40 0.54 ME3220-333KLC 33 ±10% 1.27 23.0 0.50 0.57 0.60 0.39 0.53 ME3220-393KLC 39 ±10% 1.38 22.6 0.45 0.51 0.54 0.34 0.47 ME3220-473KLC 47 ±10% 1.80 20.7 0.40 0.46 0.49 0.30 0.45 ME3220-563KLC 56 ±10% 2.10 20.3 0.37 0.42 0.45 0.27 0.43 ME3220-683KLC 68 ±10% 2.30 16.3 0.34 0.38 0.41 0.26 0.38 ME3220-823KLC 82 ±10% 3.00 13.7 0.30 0.34 0.36 0.25 0.34 ME3220-104KLC 100 ±10% 3.50 13.3 0.28 0.32 0.34 0.24 0.32 ME3215 I sat(A) I rms(A) Inductance DCRmax SRFtyp 10% 20% 30% 20°C 40°C Partnumber (µH) (Ohms) (MHz) drop drop drop rise rise ME3215-102MLC 1.0±20% 0.058 100 2.32 2.62 2.80 1.70 2.30 ME3215-222MLC 2.2±20% 0.107 64 1.62 1.84 2.00 1.30 1.70 ME3215-332MLC 3.3±20% 0.170 55 1.22 1.40 1.50 1.05 1.45 ME3215-472MLC 4.7±20% 0.245 43 1.06 1.20 1.30 0.83 1.14 ME3215-103KLC 10±10% 0.505 26 0.71 0.81 0.85 0.60 0.79 ME3215-153KLC 15±10% 0.773 26 0.58 0.65 0.70 0.48 0.65 ME3215-223KLC 22±10% 1.00 19 0.50 0.57 0.61 0.42 0.56 ME3215-333KLC 33±10% 1.48 17 0.42 0.47 0.51 0.35 0.48 ME3215-473KLC 47±10% 2.33 15 0.33 0.38 0.41 0.35 0.48 ME3215-683KLC 68±10% 3.40 12 0.28 0.31 0.34 0.24 0.32 ME3215-104KLC 100±10% 4.67 10 0.23 0.26 0.27 0.18 0.25 Dimensions (inches mm) Series A max B max C max D ME3215 0.138 3,5 0.110 2,8 0.067 1,70 0.035 0,90 ME3220 0.138 3,5 0.110 2,8 0.095 2,40 0.043 1,1 A BC D Dimensions (inches mm) Series A max B max C max D E DO1606T 0.210 5,30 0.260 6,60 0.079 2,00 0.080 2,00 0.029 0,74 LPO2506I 0.310 7,24 0.360 9,14 0.061 1,55 0.190 4,83 0.030 0,76 LPO2506O 0.310 7,24 0.360 9,14 0.065 1,65 0.190 4,83 0.030 0,76 LPO6610 0.216 5,50 0.260 6,60 0.040 1,00 0.100 2,54 0.029 0,75 A B D E C DO1606T Inductance DCR max SRF typ I sat (A) I rms Part number ±20% (µH) (Ohms) (MHz) 10% drop (A) DO1606T-102MLC 1.0 0.04 230 2.5 2.3 DO1606T-152MLC 1.5 0.06 180 2.2 2.1 DO1606T-222MLC 2.2 0.07 140 1.8 1.7 DO1606T-332MLC 3.3 0.12 110 1.4 1.3 DO1606T-472MLC 4.7 0.15 100 1.2 1.1 DO1606T-682MLC 6.8 0.20 80 1.1 1.0 DO1606T-822MLC 8.2 0.23 70 1.0 0.95 DO1606T-103MLC 10 0.30 60 1.0 0.90 DO1606T-153MLC 15 0.40 45 0.8 0.70 DO1606T-223MLC 22 0.54 35 0.6 0.50 DO1606T-333MLC 33 0.74 30 0.5 0.45 DO1606T-473MLC 47 1.1 22 0.45 0.40 DO1606T-683MLC 68 1.6 20 0.35 0.35 DO1606T-104MLC 100 2.3 15 0.30 0.30 DO1606T-154MLC 150 3.5 10 0.25 0.25 DO1606T-224MLC 220 5.7 9 0.20 0.18 DO1606T-334MLC 330 8.2 8 0.16 0.16 DO1606T-474MLC 470 10.8 7 0.14 0.12 DO1606T-684MLC 680 17.2 5 0.12 0.10 DO1606T-105MLC 1000 22.6 4 0.08 0.08 LPO2506 In-board style On-board style Inductance DCR max SRF typ I sat (A) I rms part number part number ±20% (µH) (Ohms) (MHz) 10% drop (A) LPO2506I-472LC LPO2506O-472LC 4.7 0.145 90 1.6 1.9 LPO2506I-682LC LPO2506O-682LC 6.8 0.165 75 1.3 1.7 LPO2506I-822LC LPO2506O-822LC 8.2 0.200 65 1.0 1.5 LPO2506I-103LC LPO2506O-103LC 10 0.240 60 1.0 1.5 LPO2506I-153LC LPO2506O-153LC 15 0.300 45 0.90 1.3 LPO2506I-223LC LPO2506O-223LC 22 0.420 35 0.70 1.0 LPO2506I-333LC LPO2506O-333LC 33 0.550 30 0.60 0.90 LPO2506I-473LC LPO2506O-473LC 47 0.765 22 0.50 0.70 LPO2506I-683LC LPO2506O-683LC 68 1.10 20 0.40 0.60 LPO2506I-104LC LPO2506O-104LC 100 1.60 15 0.30 0.50 LPO2506I-154LC LPO2506O-154LC 150 2.50 12 0.25 0.40 LPO2506I-224LC LPO2506O-224LC 220 3.65 10 0.22 0.32 LPO2506I-334LC LPO2506O-334LC 330 4.65 8.0 0.18 0.28 LPO2506I-474LC LPO2506O-474LC 470 6.75 6.5 0.14 0.24 LPO2506I-684LC LPO2506O-684LC 680 9.15 5.5 0.12 0.20 LPO2506I-105LC LPO2506O-105LC 1000 14.2 4.5 0.10 0.16 LPO6610 Inductance DCR max SRF typ I sat (A) I rms Part number ±20% (µH) (Ohms) (MHz) 10% drop (A) LPO6610-122MLC 1.2 0.08 190 2.1 1.7 LPO6610-152MLC 1.5 0.10 140 1.9 1.5 LPO6610-222MLC 2.2 0.12 115 1.6 1.4 LPO6610-332MLC 3.3 0.16 90 1.3 1.2 LPO6610-472MLC 4.7 0.20 88 1.1 1.1 LPO6610-682MLC 6.8 0.32 66 0.90 0.85 LPO6610-103MLC 10 0.41 55 0.80 0.75 LPO6610-153MLC 15 0.55 42 0.65 0.60 LPO6610-223MLC 22 0.85 38 0.50 0.52 LPO6610-333MLC 33 1.3 29 0.40 0.42 LPO6610-473MLC 47 1.8 22 0.35 0.36 LPO6610-683MLC 68 2.5 18 0.30 0.30 LPO6610-104MLC 100 3.5 14 0.25 0.26 LPO6610-154MLC 150 5.0 12 0.18 0.21 LPO6610-224MLC 220 7.0 10 0.16 0.18 LPO6610-334MLC 330 15.0 8 0.13 0.13 |