Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EV-RPG2-ENZ Fiches technique(PDF) 12 Page - Analog Devices

No de pièce EV-RPG2-ENZ
Description  Multiprotocol Two-Port Industrial Ethernet Platform: Module and Embedded Design Solutions with Precertified Protocols
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EV-RPG2-ENZ Fiches technique(HTML) 12 Page - Analog Devices

Back Button EV-RPG2-ENZ Datasheet HTML 8Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 9Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 10Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 11Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 12Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 13Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 14Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 15Page - Analog Devices EV-RPG2-ENZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Data Sheet
ADIN2299
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. D | 12 of 21
Table 9. Ball Function Descriptions (Continued)
Ball No.
Mnemonic
Direction
Description
U7
SYNC1
Output
REM Switch Synchronization Signal. This signal can be connected to the applications
processor for use in isochronous control applications.
U8
TIMER6
Output
Internal Precision Timer 6 Synchronization Output.
U10
TIMER3
Input and
output
Internal Precision Timer 3 Synchronization Signal.
U11
TIMER2
Input and
output
Internal Precision Timer 2 Synchronization Signal.
U12
P2_LINK_STATUS
Output
Port 2 Link Status from PHY.
U13
P2_RD_N
Input and
output
Physical Receive or Transmit Signal (Negative Differential) for Port 2.
U14
P2_RD_P
Input and
output
Physical Receive or Transmit Signal (Positive Differential) for Port 2.
U15
P2_TD_N
Input and
output
Physical Transmit or Receive Signal (Negative Differential) for Port 2.
U16
P2_TD_P
Input and
output
Physical Transmit or Receive Signal (Positive Differential) for Port 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21