Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6943R10KB Fiches technique(PDF) 5 Page - Bi technologies

No de pièce 6943R10KB
Description  Dual In-Line Precision Thin Film Resistor Networks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BITECH [Bi technologies]
Site Internet  http://www.bitechnologies.com
Logo BITECH - Bi technologies

6943R10KB Fiches technique(HTML) 5 Page - Bi technologies

  6943R10KB Datasheet HTML 1Page - Bi technologies 6943R10KB Datasheet HTML 2Page - Bi technologies 6943R10KB Datasheet HTML 3Page - Bi technologies 6943R10KB Datasheet HTML 4Page - Bi technologies 6943R10KB Datasheet HTML 5Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
4
4-153
Models 694, 698, 699
ORDERING INFORMATION
69
4
3
R10K
B
Model Series
Accuracy Code:
Used for -1 & -3 Circuits Only.
(No code used for -6 & -7 Circuits.)
Resistance Value
Circuit Type:
1 = Bussed
3 = Isolated
6 = Binary (Model 694 Only)
7 = Decade (Model 694 Only)
Number of Leads:
4 = 8 Leads
8 = 16 Leads
9 = 14 Leads
PACKAGING
Standard: Magazine
All units oriented with lead #1 to the same side.
Magazine:
Capacity
=
50 Units (8 leads)
25 Units (16 leads)
25 Units (14 leads)
Logo
Lead #1
Indicator
Package Code
& No. Of Leads
Circuit Type
Resistance Value
699-3-R5KD
U.S.A.
Date
Code
7265
Front
Back
Country Of Molding
Lot
Number
TYPICAL PART MARKING



Html Pages

1 2 3 4 5