Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM6315LBW13F Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce STM6315LBW13F
Description  Open drain microprocessor reset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM6315LBW13F Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button STM6315LBW13F Datasheet HTML 9Page - STMicroelectronics STM6315LBW13F Datasheet HTML 10Page - STMicroelectronics STM6315LBW13F Datasheet HTML 11Page - STMicroelectronics STM6315LBW13F Datasheet HTML 12Page - STMicroelectronics STM6315LBW13F Datasheet HTML 13Page - STMicroelectronics STM6315LBW13F Datasheet HTML 14Page - STMicroelectronics STM6315LBW13F Datasheet HTML 15Page - STMicroelectronics STM6315LBW13F Datasheet HTML 16Page - STMicroelectronics STM6315LBW13F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
STM6315
DC and AC parameters
13/21
5
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow are derived from tests performed under the measurement conditions summarized in
Table 3: Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Figure 13.
AC testing input/output waveforms
Table 3.
Operating and AC measurement conditions
Parameter
STM6315
Unit
VCC Supply Voltage
1.0 to 5.5
V
Ambient Operating Temperature (TA)
–40 to +125
°C
Input Rise and Fall Times
~5
ns
Input Pulse Voltages
0.2 to 0.8VCC
V
Input and Output Timing Reference Voltages
0.3 to 0.7VCC
V
AI02568
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21