| Moteur de recherche de fiches techniques de composants électroniques |
|
STLVD111 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLVD111 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 19 page ![]() STLVD111 Diagram 11/19 Figure 3. Bank skew - tsk(b) (1) 1. BANKSKEW is the magnitude of the time difference between outputs with a single driving input terminal Figure 4. Part to part skew - tsk(PP) (1) 1. PART TO PART SKEW is the magnitude of the difference in propagation delay times between any specific terminals of two devices when both devices operate with the same input signals, the same supply voltages, and the same temperature, and have identical packages and test circuits. |