| Moteur de recherche de fiches techniques de composants électroniques |
|
LD8526U1GL Fiches technique(PDF) 3 Page - Leadtrend Technology |
|
|
|||||||||||||||||||||||||||||
LD8526U1GL Fiches technique(HTML) 3 Page - Leadtrend Technology |
|
3 / 14 page ![]() LD8526U1 03/23/2021 3 Leadtrend Technology Corporation www.leadtrend.com.tw LD8526U1-DS-00 March 2021 Pin Configuration SOT-26 (TOP VIEW) 12 3 4 5 6 HVR GND NC DET DRV VCC Y Z q WU1 PP Y : Year code (D: 2004, E: 2005…..) W : Week code PP : Production code ZqU1 : LD8526U1 Ordering Information Part number Package Top Mark Shipping LD8526U1 GL SOT-26 Green Package YZq/WU1/PP 3000 / tape & reel The LD8526U1 is ROHS compliant/ green packaged. Pin Description PIN (SOT-26) NAME FUNCTION 1 HVR HV linear regulator input 2 GND Ground pin 3 NC No connect 4 VCC Supply voltage pin 5 DRV Driving pin, connector to GATE pin of MOSFET directly or through a resistor 6 DET Synchronous rectification detection |