| Moteur de recherche de fiches techniques de composants électroniques |
|
LD8526GL Fiches technique(PDF) 3 Page - Leadtrend Technology |
|
|
|||||||||||||||||||||||||||||
LD8526GL Fiches technique(HTML) 3 Page - Leadtrend Technology |
|
3 / 13 page ![]() LD8526 08/31/2018 3 Leadtrend Technology Corporation www.leadtrend.com.tw LD8526-DS-00 August 2018 Pin Configuration SOT-26 (TOP VIEW) Y : Year code (D: 2004, E: 2005 …..) W : Week code PP : Production code Z26 : LD8526 1 2 3 4 5 6 DRV GND VCC VIN HVR DET YWZ 26 pp Ordering Information Part number Package Top Mark Shipping LD8526 GL SOT-26 Green Package YWZ/26 3000 / tape & reel The LD8526 is ROHS compliant/ green packaged. Protection Mode Part number Int. OTP LD8526 Auto-Restart Pin Description PIN (SOT-26) NAME FUNCTION 1 DRV Driving pin, connector to GATE pin of MOSFET directly or through a resistor 2 GND Ground pin 3 VCC Supply voltage pin 4 DET Synchronous rectification detection 5 HVR HV linear regulator input 6 VIN External supply input |