| Moteur de recherche de fiches techniques de composants électroniques |
|
ASD103XWS-HF Fiches technique(PDF) 3 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
ASD103XWS-HF Fiches technique(HTML) 3 Page - Comchip Technology |
|
3 / 4 page ![]() Page 3 Comchip Technology CO., LTD. Company reserves the right to improve product design , functions and reliability without notice. REV:A AQW-JA005 Reel Taping Specification D D1 D2 W1 A B C d E F P P0 P1 W Components Leader Tape Trailer Tape 50±2 Empty Pockets 100±2 Empty Pockets (mm) (inch) SOD-323 SYMBOL (inch) SOD-323 SYMBOL A (mm) B C d D D1 D2 1.46 ± 0.10 2.90 ± 0.10 1.25 ± 0.10 1.50 + 0.10 178.00 ± 1.00 54.60 ± 0.20 13.30 ± 0.20 0.057 ± 0.004 0.114 ± 0.004 0.049 ± 0.004 0.059 + 0.004 7.008 ± 0.039 2.150 ± 0.008 0.524 ± 0.008 E F P P0 P1 W W1 1.75 ± 0.10 3.50 ± 0.05 4.00 ± 0.10 4.00 ± 0.10 2.00 ± 0.05 8.00 + 0.30 − 0.10 9.60 ± 0.20 0.069 ± 0.004 0.138 ± 0.002 0.157 ± 0.004 0.157 ± 0.004 0.079 ± 0.002 0.315 + 0.012 − 0.004 0.378 ± 0.008 − 0.00 − 0.000 Small Signal Schottky Diodes |