| Moteur de recherche de fiches techniques de composants électroniques |
|
78LSBWR2KLF Fiches technique(PDF) 3 Page - Bi technologies |
|
|
|||||||||||||||||||||||||||||
78LSBWR2KLF Fiches technique(HTML) 3 Page - Bi technologies |
|
3 / 4 page ![]() 1 1-63 Model 78 (1) (2) (3) .344 ± .031 8.738 ± 0.787 .250 ± .015 6.350 ± 0.381 1.344 34.138 12-28 UNF-2A Thread Max. 0.94 2.388 Max. Model 78SBW (Adapter Pre-Assembled with Trimmer) .250 ± .015 6.350 ± 0.381 1.344 34.138 12-28 UNF-2A Thread Max. 0.94 2.388 Max. Model 78LBW (Adapter Pre-Assembled with Trimmer) .125 ± .005 3.175 ± 0.127 Metal Bushing Mount Brass-Nickel Plated Use .22/5.613 Dia. Min. Mounting Hole Lock Washer, Panel Nut, Sealing Washer & Mounting Screws Provided Mounting Surface Dia. Hole 1.56 3.962 .312 ± .015 7.925 ± 0.381 Max. .437 11.100 Max. Model 56BW (Adapter Only) PANEL MOUNT ADAPTER (Inch/mm) |