| Moteur de recherche de fiches techniques de composants électroniques |
|
SN75276DR Fiches technique(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SN75276DR Fiches technique(HTML) 4 Page - STMicroelectronics |
|
4 / 16 page ![]() SN75276 FAIL-SAFE DIFFERENTIAL BUS TRANSCEIVER SLLS212B – SEPTEMBER 1995 – REVISED APRIL 1998 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions MIN TYP MAX UNIT Supply voltage, VCC 4.75 5 5.25 V Voltage at any bus terminal (separately or common mode) VI or VIC 12 V Voltage at any bus terminal (separately or common mode), VI or VIC –7 V High-level input voltage, VIH D, DE, and RE 2 V Low-level input voltage, VIL D, DE, and RE 0.8 V Differential input voltage, VID (see Note 2) ±12 V High level output current IOH Driver –60 mA High-level output current, IOH Receiver – 400 µA Low level output current IOL Driver 60 mA Low-level output current, IOL Receiver 8 mA Operating free-air temperature, TA 0 70 °C NOTE 2: Differential input/output bus voltage is measured at the noninverting terminal A with respect to the inverting terminal B. |