Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP08DP05TTR Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STP08DP05TTR
Description  Low voltage 8-Bit constant current Led sink with full outputs error detection
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08DP05TTR Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STP08DP05TTR Datasheet HTML 7Page - STMicroelectronics STP08DP05TTR Datasheet HTML 8Page - STMicroelectronics STP08DP05TTR Datasheet HTML 9Page - STMicroelectronics STP08DP05TTR Datasheet HTML 10Page - STMicroelectronics STP08DP05TTR Datasheet HTML 11Page - STMicroelectronics STP08DP05TTR Datasheet HTML 12Page - STMicroelectronics STP08DP05TTR Datasheet HTML 13Page - STMicroelectronics STP08DP05TTR Datasheet HTML 14Page - STMicroelectronics STP08DP05TTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
STP08DP05
Truth table and timing diagram
11/30
7
Truth table and timing diagram
7.1
Truth table
Note:
OUT0 to OUT7 = ON when Dn = H; OUT0 to OUT7 = OFF when Dn = L.
Table 8. Truth table
Clock
LE/DM1
OE/DM2
SDI
OUT0 ........ OUT0 ........ OUT7
SDO
H
L
Dn
Dn ..... Dn -5 ..... Dn -7
Dn -7
L
L
Dn + 1
No Change
Dn -7
H
L
Dn + 2
Dn +2 ..... Dn -3 ..... Dn -5
Dn -5
X
L
Dn + 3
Dn +2 ..... Dn -3 ..... Dn -5
Dn -5
X
H
Dn + 3
OFF
Dn -5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30