Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD7379 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce CD7379
Description  4 X 13 - 2 X 38W AUDIO POWER AMPLIFIER 2 X 13 1 X 38W AUDIO POWER AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD7379 Fiches technique(HTML) 5 Page - STMicroelectronics

  CD7379 Datasheet HTML 1Page - STMicroelectronics CD7379 Datasheet HTML 2Page - STMicroelectronics CD7379 Datasheet HTML 3Page - STMicroelectronics CD7379 Datasheet HTML 4Page - STMicroelectronics CD7379 Datasheet HTML 5Page - STMicroelectronics CD7379 Datasheet HTML 6Page - STMicroelectronics CD7379 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5/7
TDA7379
Figure 4. P.C. Board and Component Layout of the fig.1.
Figure 5. P.C. Board and Component Layout of the fig.2



Html Pages

1 2 3 4 5 6 7