| Moteur de recherche de fiches techniques de composants électroniques |
|
STP08DP05B1R Fiches technique(PDF) 7 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP08DP05B1R Fiches technique(HTML) 7 Page - STMicroelectronics |
|
7 / 30 page ![]() STP08DP05 Electrical characteristics 7/30 4 Electrical characteristics Table 7. Electrical characteristics (VDD=3.3V to 5V, T = 25°C, unless otherwise specified.) Symbol Parameter Test conditions Min Typ Max Unit VIH Input voltage high level 0.7VDD VDD V VIL Input voltage low level GND 0.3VDD V IOH Output leakage current VOH = 20V 0.5 10 µA VOL Output voltage (Serial-OUT) IOL = 1mA 0.03 0.4 V VOH Output voltage (Serial-OUT) IOH = -1mA VOH - VDD =- 0.4V V IOL1 Output current VO = 0.3V, Rext = 3.9kΩ 4.25 5 5.75 mA IOL2 VO = 0.3V, Rext = 970Ω 19 20 21 IOL3 VO = 1.3V, Rext = 190Ω 96 100 104 ∆I OL1 Output current error between bit (All Output ON) VO = 0.3VREXT = 3.9kΩ ± 5 ± 8 % ∆I OL2 VO = 0.3VREXT = 970Ω ± 1.5 ± 3 ∆I OL3 VO = 1.3VREXT =190Ω ± 1.2 ± 3 RSIN(up) Pull-up resistor 150 300 600 K Ω RSIN(down) Pull-down resistor 100 200 400 K Ω IDD(OFF1) Supply current (OFF) REXT = 980 OUT 0 to 7 = OFF 45 mA IDD(OFF2) REXT = 250 OUT 0 to 7 = OFF 11.2 13.5 IDD(ON1) Supply current (ON) REXT = 980 OUT 0 to 7 = ON 4.5 5 IDD(ON2) REXT = 250 OUT 0 to 7 = ON 11.7 13.5 Thermal Thermal protection (1) 170 °C 1. Guaranteed by desing (not tested) The thermal protection switches OFF only the outputs current |