Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U74GTL2014L-P14-R Fiches technique(PDF) 8 Page - Unisonic Technologies

No de pièce U74GTL2014L-P14-R
Description  4-CHANNEL LVTTL TO GTL TRANSCEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74GTL2014L-P14-R Fiches technique(HTML) 8 Page - Unisonic Technologies

  U74GTL2014L-P14-R Datasheet HTML 1Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 2Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 3Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 4Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 5Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 6Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 7Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 8Page - Unisonic Technologies U74GTL2014L-P14-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
U74GTL2014
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-D278.A
TYPICAL APPLICATION (Cont.)
2.
LVTTL/TTL to GTL– /GTL / GTL+:
Because GTL is an open-drain interface, the selection of pullup resistor depends on the application
requirement (for example, data rate) and PCB trace capacitance.
Application Diagram for LVTTL to GTL
2.1
Detailed Design Procedure
To begin the design process, determine the following:
1. Select direction based upon application (GTL– / GTL / GTL+ to LVTTL or LVTTL to GTL– / GTL / GTL+).
2. Set up appropriate DIR pin and VREF / VTT.
3. Choose correct pullup resistor value base upon data rate and driving current requirement
(for LVTTL to GTL– / GTL / GTL+).
2.2
Application Curve



Html Pages

1 2 3 4 5 6 7 8 9