| Moteur de recherche de fiches techniques de composants électroniques |
|
M2120L-S08-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
M2120L-S08-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 6 page ![]() M2120 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 2 of 6 www.unisonic.com.tw QW-R105-105.B PIN CONFIGURATION SW.CONTROL A +INPUT A -INPUT V- V+ OUTPUT B -INPUT B +INPUT 1 2 3 4 8 7 6 5 PIN DESCRIPTION PIN NO. PIN NAME DESCRIPTION 1 SW.CONTROL Switch of channel control 2 A +INPUT Non-invert input of A AMP 3 A -INPUT Invert input of A AMP 4 V - Negative power supply 5 OUTPUT Output of AMP 6 B -INPUT Invert input of B AMP 7 B +INPUT Non-invert input of B AMP 8 V + Positive power supply BLOCK DIAGRAM 1 2 3 8 7 6 SW.CONTROL A +INPUT A -INPUT B +INPUT OUTPUT V+ 4 V- 5 B -INPUT |