| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32MP157FDK2 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP157FDK2 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 12 page ![]() Features • Teseo-LIV3FL GNSS Receiver • On board iNEMO inertial module for accelerometer and gyroscope • QVAR embedded pressure sensor for altitude measurement • Magnetometer for position accuracy • LEDs for PPS, power, user • Keys for reset, wakeup and user • External LNA (Low Noise Amplifier) and SAW Filter for amplification of weak signals • EEPROM for automatic GPIO setup and driver setup • Compatible with both STM32MP157F-DK2 and Raspberry Pi’s GPIO connector Description X-STM32MP-GNSS1 is an STM32 MPU expansion board with Teseo-LIV3FL module for Low Power Multi-Constellation GNSS positioning using various sensors for data accuracy. The X-STM32MP-GNSS1 interfaces with the STM32MP microprocessor via 40 pin GPIO connector pins using I2C, UART, GPIO connections for various components. It is compatible with both STM32MP157F-DK2 and Raspberry Pi’s GPIO connector layout. Teseo-LIV3FL is a global navigation satellite system (GNSS) standalone Low power module. It embeds the Teseo III positioning receiver IC working simultaneously on multiple constellations (GPS/Galileo/Glonass/BeiDou/QZSS). iNEMO inertial module ISM330DHCX has a full-scale acceleration range of ±2/±4/±8/±16 g and a wide angular rate range of ±125/±250/±500/±1000/±2000/±4000 dps. QVAR Embedded ILPS22QS functions as a digital output barometer, supporting dual full-scale up to 4060 hPa. The IIS2MDC is a high-accuracy, ultra-low-power 3-axis digital magnetic sensor having dynamic range up to ±50 gauss. Product summary Discovery kit with STM32MP157F MPU STM32MP157F- DK2 STM32 MPU OpenSTLinux software expansion package for GNSS- based applications X-LINUX-GNSS1 Applications Guidance and positioning Mobility services GNSS and inertial sensors expansion board for STM32 MPU X-STM32MP-GNSS1 Data brief DB5090 - Rev 1 - October 2023 For further information contact your local STMicroelectronics sales office. www.st.com |
Numéro de pièce similaire - STM32MP157FDK2 |
|
Description similaire - STM32MP157FDK2 |