Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P2011 Fiches technique(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

No de pièce P2011
Description  Internationally Approved Toggles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Site Internet  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

P2011 Fiches technique(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  P2011 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. P2011 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. P2011 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. P2011 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series P
Internationally Approved Toggles
www.nkk.com
A91
A
Distinctive Characteristics
Actual Size
Meets EN 61058-1 standard.
High torque bushing construction prevents rotation or separation
from frame during installation.
Stainless steel frame resists corrosion and increases
environmental safety.
Case/base of heat resistant resin meets UL94V-0
flammability standard.
Contacts of special silver alloy resist arcing and
guarantee stable electrical contact and long life.
High insulating barriers increase isolation of
circuits in double pole devices and provide
added protection to contact points.
Prominent external insulating barriers
increase insulation resistance and dielectric
strength.
Epoxy sealed terminals prevent entry of flux, solvents,
and other contaminants.
Clinching of the frame to the case well above the base and
terminals provides 4,000V dielectric strength.



Html Pages

1 2 3 4