| Moteur de recherche de fiches techniques de composants électroniques |
|
TDA3602 Fiches technique(PDF) 20 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA3602 Fiches technique(HTML) 20 Page - NXP Semiconductors |
|
20 / 26 page ![]() July 1994 20 Philips Semiconductors Product specification Multiple output voltage regulator TDA3602 The timing diagram can only be understood after a thorough investigation of the flow charts (see section Flow chart semi on/off logic with security code). Furthermore short and long RESET pulses can be seen (see Fig.12). Flowchart semi on/off logic with security code This section describes the software for controlling the TDA3602 (semi on/off logic). A “o” in the flowchart flow diagram Fig.13, indicates that the port mentioned is switched as an output. A “1” indicates that the port mentioned is switched as an input (temporarily). The flowchart of figure 13 can be used for semi on/off logic. handbook, full pagewidth MSA724 V battery A4 ignition A7 VREG3 reset microprocessor reset VSC S1 microprocessor REGULATORS 1 and 2 hold P0. 0 initialization on switch 1 off on engine start load dump off by ignition Fig.12 Timing of the applications. |