Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD55003S-E Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce PD55003S-E
Description  RF power transistor from the LdmoST plastic family of N-channel enhancement-mode lateral MOSFETs
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55003S-E Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button PD55003S-E Datasheet HTML 9Page - STMicroelectronics PD55003S-E Datasheet HTML 10Page - STMicroelectronics PD55003S-E Datasheet HTML 11Page - STMicroelectronics PD55003S-E Datasheet HTML 12Page - STMicroelectronics PD55003S-E Datasheet HTML 13Page - STMicroelectronics PD55003S-E Datasheet HTML 14Page - STMicroelectronics PD55003S-E Datasheet HTML 15Page - STMicroelectronics PD55003S-E Datasheet HTML 16Page - STMicroelectronics PD55003S-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
PD55003-E
Test circuit
Doc ID 12273 Rev 4
13/29
6
Test circuit
Figure 31.
Test circuit schematic
Table 9.
Test circuit component list
Component
Description
B1,B2
Short ferrite bead, Fair-Rite Products Corp (2743021446)
C1,C14
240 pF, 100 mil chip capacitor
C2,C3,C4,C10,C11,C12
0 TO 20 pF trimmer capacitor
C5
130 pF, 100 mil chip cap
C6,C17
120 pF, 100 mil chip cap
C7,C14
10 µF, 50 V electrolytic capacitor
C8,C15
1.200 pF, 100 mil chip cap
C9,C16
0.1 F, 100 mil chip cap
L1
55.5 nH, 5 turn, Coilcraft
N1,N2
Type N flange mount
R1
15
Ω, 0805 chip resistor
R2
1.0 k
Ω, 1/8 W resistor
R3
15
Ω, 0805 chip resistor
R4
33 k
Ω, 1/8 W resistor
Z1
0.175’’ X 0.080’’ microstrip
Z2
1.049’’ X 0.080’’ microstrip
Z3
0.289’’ X 0.080’’ microstrip
Z4
0.026’’ X 0.080’’ microstrip
Z5
0.192’’ X 0.223’’ microstrip
Z6,Z7
0.260’’ X 0.223’’ microstrip
Z8
0.064’’ X 0.080’’ microstrip
Z9
0.334’’ X 0.080’’ microstrip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29