Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TESEO-LIV4F Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce TESEO-LIV4F
Description  Tiny dual-band GNSS low power and measurement engine modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TESEO-LIV4F Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button TESEO-LIV4F_V01 Datasheet HTML 19Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 20Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 21Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 22Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 23Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 24Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 25Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 26Page - STMicroelectronics TESEO-LIV4F_V01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Figure 8. Module PB band specifications
UNIT: mm
WIDTH (mm)
G (± 0.10)
8
12
16
24
32
44
56
8.20
12.20
16.20
24.20
32.20
44.20
56.20
14.2
Packing cartons for reels
To avoid damage each Teseo-LIV4F reel has a dedicated carton box of 340 x 340 x 38 mm.
14.3
ESD handling precautions
Teseo-LIV4F module is electrostatic sensitive devices (ESD). Observe precautions for handling! Failure to
observe these precautions can result in severe damage to the GNSS receiver.
GNSS receivers are electrostatic sensitive devices (ESD) and require special precautions when handling. Care
must be exercised when handling patch antennas, due to the risk of electrostatic charges.
14.4
Moisture sensitivity levels
The moisture sensitivity level (MSL) relates to the packaging and handling precautions required.
Teseo-LIV4F modules are rated at MSL level 3 (three).
Teseo-LIV4F
Shipping information
DS13957 - Rev 6
page 23/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32