Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PYF14AFORMY Fiches technique(PDF) 22 Page - Omron Electronics LLC

No de pièce PYF14AFORMY
Description  General-purpose Relays and Power Relays Sockets
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PYF14AFORMY Fiches technique(HTML) 22 Page - Omron Electronics LLC

Back Button PYF14AFORMY Datasheet HTML 18Page - Omron Electronics LLC PYF14AFORMY Datasheet HTML 19Page - Omron Electronics LLC PYF14AFORMY Datasheet HTML 20Page - Omron Electronics LLC PYF14AFORMY Datasheet HTML 21Page - Omron Electronics LLC PYF14AFORMY Datasheet HTML 22Page - Omron Electronics LLC PYF14AFORMY Datasheet HTML 23Page - Omron Electronics LLC PYF14AFORMY Datasheet HTML 24Page - Omron Electronics LLC PYF14AFORMY Datasheet HTML 25Page - Omron Electronics LLC PYF14AFORMY Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
General-purpose Relays and Power Relays
Sockets
259
Note: The key groove of PF083A and PF113A (used with MK Relays) are on the upside.
■ P2CF/PFA Dimensions
Dimensions
Terminal arrangement/
Internal connections
(top view)
Mounting holes
PF202
101 max.
Two, 4.5-dia. holes
Two, M3 Relay mounting screws
33 max.
71 max.
Two, M4 or 4.5-dia. holes
Dimensions
Terminal arrangement/
Internal connections
(top view)
Mounting holes
P2CF-08
Eight, M3.5 x 7.5
sems screws
70 max.
Two, 4.5-dia.
holes
31.2 max.
50 max.
Note: Track-mounting is avail-
able. See page 245.
Two, M4 or 4.5-dia. holes
P2CF-11
Eleven, M3.5 x 7.5
sems screws
70 max.
Two, 4.5-dia.
holes
31.2 max.
50 max.
Two, 4.5-dia. mounting holes
Note: Track-mounting is avail-
able. See page 245.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27